Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  



SURGE Datasheet, PDF

Search Description : 'SURGE' - Total: 69 (1/4) Pages
Electronic ManufacturerPart NumberDatasheetElectronics Description
Company Logo Img
Littelfuse
SP3051 Datasheet pdf image The SP3051 integrates low capacitance rail-to-rail diodes with an additional zener diode to protect each I/O pin against ESD and high surge events.
LFUSCD20065B Datasheet pdf image Enhanced surge capability
ULTRAMOV Datasheet pdf image The UltraMOV® Metal Oxide Varistor Series is designed for applications requiring high peak surge current ratings
LSIC2SD120C08 Datasheet pdf image This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current, high surge capability, and a maximum operating junction temperature of 175 °C
CG7 Datasheet pdf image The Littelfuse CG7 series GDT is a miniature surface mount device with a 1kA 8/20μS surge rating
HMOV Datasheet pdf image The HMOVTM Varistor Series is specifically designed for applications requiring high surge energy absorption and high operating temperature of 125°C
MLA Datasheet pdf image The MLA Series family of transient voltage surge suppression devices is based on the Littelfuse
SP3050 Datasheet pdf image Low Capacitance Diode Array for ESD and Surge Protection
P0641UALXX Datasheet pdf image The series provides a high surge current rated dual port protection
LSP05_17 Datasheet pdf image LED Lighting Surge Protection Module > LSP05
P0080SDL Datasheet pdf image High Surge Current (D-rated) SIDACtor® Device
LSP10 Datasheet pdf image The Littelfuse LSP10 thermally protected Surge Protective
V181206XMLAXX Datasheet pdf image RoHS compliant Rated for surge current (8 x 20 us)
SP2525NUTG Datasheet pdf image TVS Diode Arrays Lightning Surge Protection
LFUSCD10065A Datasheet pdf image Enhanced surge capability
SP4045-04ATG Datasheet pdf image TVS Diode Arrays Lightning Surge Protection
LSIC2SD120A15 Datasheet pdf image This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current, high surge capability, and a maximum operating junction temperature of 175 °C.
V05E11P Datasheet pdf image Superior Peak Surge Current Ratings in Small Disc Sizes
LSIC2SD120A20 Datasheet pdf image This series of silicon carbide (SiC) Schottky diodes has negligible reverse recovery current, high surge capability and a maximum operating junction temperature of 175 °C
MLN Datasheet pdf image Multiline Transient Voltage Surge Suppressor

1 2 3 4 Next


1 2 3 4 Next