Electronic Manufacturer | Part Number | Datasheet | Electronics Description |

Central Semiconductor C...
|
CMYTVS5-2 |
 |
5.0V, 2-Line, low capacitance, TVS/diode array in the SOT-543 package |
CMR1U-02FL_SERIES |
 |
1.0A, 200V, 400V and 600V Ultra Fast Recovery Rectifi ers in the SMBFL package |
CMLDM7005_8005_7585 |
 |
20V, 650mA Dual, Complementary MOSFETs in the miniature SOT-563 package |
CFSH01-30 |
 |
30V, 100mA Schottky Diode in the ultra miniature SOD-882L package |
CMJ0130_CMJH180 |
 |
0.13mA thru 18mA Current Limiting Diodes in the SOD-123FL package |
CMSH3-40FL |
 |
3.0A, 40V Schottky Rectifier in the SMBFL package |
CMSH3-100MHV_SERIES |
 |
3.0A, 100V thru 200V Schottky Rectifiers in the SMB package |
2N2991 |
 |
The CENTRAL SEMICONDUCTOR 2N4391 series |
CXDM3069N_4060N_6053N |
 |
MOSFETs in the SOT-89 package |
CTLSH01-30 |
 |
30V, 100mA Schottky Diode in the ultra miniature TLM2D3D6 package |
CMUDM7005_8005 |
 |
20V, 650mA, Complementary MOSFETs in the miniature SOT-523 package |
CMO5V0LC |
 |
5.0V, ESD Transient Voltage Suppressor in the SOD-523 package |
J112 |
 |
The CENTRAL SEMICONDUCTOR J112 is a silicon N-Channel JFET designed for chopper and switching applications. |
CMUDW6001 |
 |
75V, 250mA Ultra Low Leakage Switching Diode in the SOT-523W package |
CTLSH10-60M856 |
 |
10A, 60V Low VF Schottky Rectifier in the TLM856 package |
CMST3906 |
 |
The CENTRAL SEMICONDUCTOR CMST3904, |
CTLSH10-45M364 |
 |
10A, 45V Low VF Schottky Rectifier in the TLM364 package |
CWDM305P |
 |
30V, MOSFETs in the SOIC-8 package |
CTLSH4-200M364 |
 |
4.0A, 200V Low VF Schottky Rectifier in the TLM364 package |
CMXTVS5-4 |
 |
Low Capacitance, Quad TVS/Diode Array in the SOT-26 package |