Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  



TRANSCEIVER Datasheet, PDF

Searched Keyword : 'TRANSCEIVER' - Total: 1 (1/1) Pages
ManufacturerPart #DatasheetDescription
Company Logo Img
Micro Commercial Compon...
USB3317-GJ-TR Datasheet pdf image
325Kb/11P
Hi-Speed USB TRANSCEIVER with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock

1


1



What is TRANSCEIVER


A transceiver is a device that simultaneously transmits and receives. It is used in various communication fields such as wireless communication, wired communication, and radio communication.

In electronic components, transceivers are mainly used in the field of wireless communication.

The device has the ability to receive signals from the transmitting side as well as the ability to transmit signals from the receiving side.

This allows sending and receiving to be processed simultaneously.

In wireless communication, transceivers are used as radio transceivers, wireless modems, and Bluetooth modules.

These devices operate in different frequency bands and either decode the received signal into the required information or encode and transmit the data to be transmitted.

Transceiver also plays an important role in data communication.

It transmits and receives data and supports various communication protocols such as Ethernet, USB, UART, and SPI.

In electronic components, transceivers are one of the most important devices in the field of communication.

This enables efficient data transmission and reception in data communication and wireless communication systems, and plays a major role in improving system performance.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.