Electronic Manufacturer | Part Number | Datasheet | Electronics Description |

Analog Devices
|
AD9558_16 |
 |
Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync |
ADG3232_15 |
 |
Low Voltage 2-1 Mux, Level Translator |
ADG3300BRUZ |
 |
Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator |
ADG3123 |
 |
8-Channel CMOS Logic to High Voltage Level Translator |
ADG3304_15 |
 |
Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator |
ADG3243 |
 |
2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch |
ADG3241_15 |
 |
2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66 |
ADG3304_13 |
 |
Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator |
ADG3301 |
 |
Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator |
AD9559BCPZ |
 |
Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator |
ADG3300 |
 |
Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator |
AD9542 |
 |
Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator |
ADG3242_15 |
 |
2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch |
AD9554 |
 |
Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator |
AD9550 |
 |
Integer-N Clock Translator for Wireline Communications |
ADG3243_15 |
 |
2.5 V/3.3 V, 2-Bit, Individual Control Level Translator Bus Switch |
ADG3231BRJZ-REEL7 |
 |
1.65V to 3.6V, Single-Channel Level Translator in SOT-23 Package |
ADG3232 |
 |
Low Voltage 2-1 Mux, Level Translator |
ADG3241 |
 |
2.5 V/3.3 V, 1-Bit, 2-Port Level Translator Bus Switch in SOT-66 |
ADG3231 |
 |
Low Voltage, Single-Channel Level Translator |