Electronic Manufacturer | Part Number | Datasheet | Electronics Description |

Analog Devices
|
ADAU1401A |
 |
SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs |
ADAU1702 |
 |
SigmaDSP 28-56-Bit Audio Processor with Two ADCs and Four DACs |
ADAU1772 |
 |
Four ADC, Two DAC Low Power Codec |
ADCLK948_16 |
 |
Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer |
ADCLK948 |
 |
Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer |
AD9515 |
 |
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs |
ADP5034 |
 |
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs |
ADA2200-EVALBRD |
 |
There are two evaluation boards available for the ADA2200 |
ADP5037ACPZ-R7 |
 |
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs |
2B53_15 |
 |
LOW COST TWO WIRE TRANSMITTERS |
2B58_15 |
 |
LOW COST TWO WIRE TRANSMITTERS |
ADCLK954 |
 |
Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer |
ADCLK954_16 |
 |
Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer |
ADAU1401 |
 |
SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs |
ADP5037 |
 |
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs |
AD9515_15 |
 |
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs |
ADAU1702_15 |
 |
SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs |
AD9573 |
 |
PCI-Express Clock Generator IC, PLL Core, Dividers, Two Outputs |
ADCLK950 |
 |
Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer |
ADP5042 |
 |
Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset |